PART |
Description |
Maker |
CLD2ET1C115 CLD2ET1C230 CLD2ET1CM24 CLP2ET1C115 CL |
Conductive Sensors 2-point level controller
|
List of Unclassifed Manufacturers
|
VH1 VH2 A94-10 |
Level Sensors Conductive
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
UPD16681 UPD16681P-011 UPD16681W-011 |
LCD CONTROLLER/DRIVER FOR DOT MATRIX DISPLAY OF JIS LEVEL 1 AND JIS LEVEL 2 KANJI SETS
|
NEC Corp.
|
REC-115L 115L |
Precision Linear Transducers, Conductive Plastic (REC) Precision Linear Transducers, Conductive Plastic, Simply Mounted, Robust, High Accuracy, Excellent Repeatability, Long Life, Essentially Infinite Resolution, Not Sensitive to Temperature Variations
|
Vishay Intertechnology,Inc.
|
61F-GP-N8V50240AC 61F-GP-N8V50110AC |
FUELLSTANDSFUEHLER VS LEVEL CONTROLLER VS 液位控制器队
|
Fujitsu, Ltd.
|
P271 P270-SP31R50K P270-SP31R500K P270-SP32R500K P |
27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 2 W, 200000 ohm 27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 2 W, 500000 ohm 27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 2 W, 20000 ohm 27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 2 W, 50000 ohm 27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 2 W, 10000 ohm 27mm Rotary Potentiometer Long Life - 1 Million cycles Conductive Plastic Element Heavy Duty Applications Sealed Unit Available RoHS Compliant RESISTOR, POTENTIOMETER, CONDUCTIVE PLASTIC, 1 TURN(S), 2 W, 100000 ohm
|
BI Technologies Corporation BI Technologies, Corp.
|
UBA2080AT UBA2080P UBA2080T |
Half-bridge level-shift controller IC
|
NXP Semiconductors
|
MAX17079GTLT MAX17079GTLTCAZ |
4-Level or 2-Level Logic to High-Voltage Level Shifter for TFT LCD TV Display
|
MAXIM - Dallas Semiconductor
|
MAX17079GTL |
4-Level or 2-Level Logic to High-Voltage Level Shifter for TFT LCD TV Display
|
Maxim Integrated Products
|
SM20 |
Level controller or high power interface module
|
Cynergy3 Co
|
NCP1219BD65R2G |
PWM Controller with Adjustable Skip Level and External Latch Input
|
ON Semiconductor
|